|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SB10100CT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 10.0A FEATURE High current capability, Low forward voltage drop Low power loss, high efficiency High surge capability High temperature soldering guaranteed 250 /10sec/0.375" lead length at 5 lbs tension C TO-220AB MECHANICAL DATA Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Case: Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: Common Cathode Mounting position: any Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated) SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current at Tc=105 C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load per leg Maximum Forward Voltage per leg and 25C at 5A Maximum Reverse Current per leg at working peak reverse voltage Typical Thermal Resistance per leg Tj =25 C Tj =110 C (Note 1) Vrrm Vrms Vdc If(av) Ifsm Vf Ir R(jc) Tj Tstg SB10100CT 100 70 100 10 150 0.76 50 4.5 2.2 -65 to +175 units V V V A A V A mA C/W C Operating Junction and Storage Temperature Ramge Note: 1.Thermal Resistance from Junction to Case Rev.A1 www.gulfsemi.com RATINGS AND CHARACTERISTIC CURVES SB10100CT Rev.A1 www.gulfsemi.com |
Price & Availability of SB10100CT |